PART |
Description |
Maker |
M2006C M2006C-DIP20 M2006C-SO20-300 |
PIR Motion Detector 红外移动探测
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
NCS36000DG NCS36000DRG |
Passive Infrared (PIR) Detector Controller Passive Infrared (PIR) Detector Controller
|
ON Semiconductor
|
HT7620B16SOIC HT7620C16DIP HT7620B16DIP HT7620A16D |
Motion/Proximity Detector 运动/接近探测
|
Microchip Technology, Inc.
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
M7616 |
DC PIR CONTROLLER
|
List of Unclassifed Manufacturers ETC
|
PT8A263PE |
PIR Alarm Controller
|
Pericom Semiconductor C...
|
KC7786 |
PIR Sensor Module
|
List of Unclassifed Manufacturers ETC[ETC]
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
PT8A2641PE PT8A2645PE |
PIR Sensor Light Switch
|
Pericom Semiconductor C...
|
HT7610 |
General Purpose PIR Controller
|
HOLTEK[Holtek Semiconductor Inc]
|
HT7612B HT761211 |
General Purpose PIR Controller
|
Holtek Semiconductor Inc
|
M2000C |
PIR Light Controller for 3-Wire Applications
|
Electronic Theatre Controls, Inc. ETC[ETC]
|